Part Number Hot Search : 
7410DC ZMM12HCB 6039039 SRM20256 6UK30 MB15F03 PST3125 EPS13
Product Description
Full Text Search
 

To Download 1SS396 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
LOW VOLTAGE HIGH SPEED SWITCHING 1SS396
Diodes
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Unit: mm
+0.1 2.4-0.1
Small package Low forward voltage :VF =0.23V(Typ). Low reverse current: IR = 5 A(Max.)
1
+0.1 0.95-0.1 +0.1 1.9-0.1
+0.1 1.3-0.1
Features
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Maximum(Peak) Reverse Voltage Reverse Voltage Maximum(Peak) Forward Current Average Rectified Current Surge Current (10 ms) Power Dissipation Junction Temperature Storage Temperature Range Poerating Temperature * Unit Rating.Total Rating = Unit Rating 0.7 Symbol VRM VR IFM IO IFSM P Tj Tstg Topr Rating 45 40 300* 100* 1* 150 125 -55 to +125 -40 to +100 Unit V V mA mA A mW
Electrical Characteristics Ta = 25
Parameter Symbol Test Conditions IF = 1 mA Continuous reverse voltage VF IF = 10 mA IF = 100 mA Reverse current Total capacitance IR CT VR = 40 V VR = 0, f = 1.0 MHz 18 Min Typ 0.28 0.36 0.54 0.6 5 25 A pF V Max Unit
Marking
Marking T9
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 1SS396

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X